|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
smart digital magnetometer hmr 2300 the honeywell hmr2300 is a three - axis smart digital magnetometer to detect the strength and direction of an incident magnetic field. the three of honeywells magneto - resistive sensors are oriented in orthogonal dir ections to measure the x, y and z vector components of a magnetic field. these sensor outputs are converted to 16 - bit digital values using an internal delta - sigma a/d converter. an onboard eeprom stores the magnetometers configuration for consistent opera tion. the data output is serial full - duplex rs - 232 or half - duplex rs - 485 with 9600 or 19,200 data rates. applications include: attitude reference, compassing & navigation, traffic and vehicle detection, anomaly detection, laboratory instrumentation and s ecurity systems. a rs - 232 development kit version is available that includes a windows compatible demo program, interface cable, ac adapter, and carrying case. honeywell continues to maintain product excellence and performance by introducing innovative s olid - state magnetic sensor solutions. these are highly reliable, top performance products that are delivered when promised. honeywells magnetic sensor solutions provide real solutions you can count on. features & b enefits ? high accuracy over 1 gau ss, <0.5% full scale ? range of 2 gauss, <70 gauss resolution ? three axis (x, y, z) digital outputs ? ? ? ?
hmr 2300 2 www.hon eywell.com specifications characteristics conditions min typ max units power supply supply voltage pin 9 referenced to pin 5 (ground) 6.5 15 volts supply current vsupply = 15v, with s/r = on 27 35 ma temperature operating ambient - 40 +85 c storage ambient, unbiased - 55 125 c magnetic field range full scale (fs), total field applied - 2 +2 gauss resolution applied field to change output 67 micro - gauss accuracy rss of all errors @+25c 1 gauss 2 gauss 0.01 1 0.52 2 %fs linearity error best fit straight line @+25c 1 gauss 2 gauss 0.1 1 0.5 2 %fs hysterisis error 3 sweeps across 2 gauss @+25c 0.01 0.02 %fs repeatability error 3 sweeps across 2 ga uss @+25c 0.05 0.10 %fs gain error applied field for zero reading 0.05 0.10 %fs offset error applied field for zero reading 0.01 0.03 %fs temperature effect coefficient of gain - 600 114 ppm/c power supply e ffect from +6 to +15v with 1 gauss applied field 150 ppm/v mechanical weight pcb only pcb and non - flanged enclosure pcb and flanged enclosure 28 94 98 grams vibration operating, 5 to 10hz for 2 hours 10hz to 2khz for 30 minutes 10 2.0 mm g digital i/o timing (see timing diagrams) t resp *dd commands (dd = device id) *ddp *ddr, *dds, *ddt *ddc *ddq *99 commands *99q 1.9 2 3 6 40 2+(ddx80) 2+(ddx40) 2+(ddx120) 2.2 3.2 6.2 60 2+typ 2+typ 2+typ msec t del ay *dd commands (dd = device id) *99 commands 39 40 ddx40 41 2+typ msec t byte 9600 19,200 1.04 0.52 msec t startup power applied to end of start - up message 50 80 msec hmr 2300 www.honeywell.com 3 characteristics conditions min typ max units digital i/o timing (see timing diagrams) t re sp *dd commands (dd = device id) *ddp *ddr, *dds, *ddt *ddc *ddq *99 commands *99q 1.9 2 3 6 40 2+(ddx80) 2+(ddx40) 2+(ddx120) 2.2 3.2 6.2 60 2+typ 2+typ 2+typ msec t delay *dd commands (dd = device id) *99 commands 39 40 ddx40 41 2+typ msec t byte 9600 19,200 1.04 0.52 msec t startup power applied to end of start - up message 50 80 msec block diagram rs - 232 c ommunications (timing is not to scale) c hmc2003 hmc1002 hmc1001 pwr cond v+ eeprom tx rx uart adc gnd c hmc2003 hmc1002 hmc1001 pwr cond v+ eeprom tx rx uart adc gnd hmr 2300 4 www.hon eywell.com rs - 485 c ommunications (timing is not to scale) global address (*99) delay (timing is not to scale) p in configuration pin number pin name description 1 nc no connection 2 td transmit data, rs - 485 (b+) 3 rd receive data, rs - 485 (a - ) 4 nc no connection 5 gnd power and signal ground 6 nc no user connection (factory x offset strap +) 7 nc no user connection (factory y offset strap +) 8 nc no user connection (factory z offset strap +) 9 v+ unregulated power input (+6 to +15 vdc) pcb dimensions and pinout (connector not shown for cl arity) hmr 2300 www.honeywell.com 5 case dimensions rs - 232 unbalanced i/o interconnects hmr2300 host pc d d r r td td rd rd gd gd hmr2300 host pc d d r r td td rd rd gd gd hmr 2300 6 www.hon eywell.com rs - 485 balanced i/o interconnects data communications the rs - 232 signals are single - ended undirectional levels that are se nt received simultaneously (full duplex). one signal is from the host personal computer (pc) transmit (td) to the hmr2300 receive (rd) data line, and the other is from the hmr2300 td to the pc rd data line. when a logic one is sent, either the td or rd lin e will drive to about +6 volts referenced to ground. for a logic zero, the td or rd line will drive to about C 6 volts below ground. since the signals are transmitted and dependent on an absolute voltage level, this limits the distance of transmission due t o line noise and signal to about 60 feet. when using rs - 485, the signals are balanced differential transmissions sharing the same lines (half - duplex). this means that logic one the transmitting end will drive the b line at least 1.5 volts higher than the a line. for a logic zero, the transmitting end will drive the b line at least 1.5 volts lower than the a line. since the signals are transmitted as differe nce voltage level, these signals can withstand high noise environments or over very long distances wh ere line loss may be a problem; up to 4000 feet. note that long rs - 485 lines should be terminated at both ends with 120 - ohm resistors. another precaution on rs - 485 operation is that when the hmr2300 is in a continuous output mode of operation, the host pc may have to send repeated escape and carriage return bytes to stop the stream of output data. if the host can detect a recieved carriage return byte (0d hex), and immediately send the escape - carriage return bytes; then a systematic stop of continuous outp ut is likely. if manually sent, beware that the half - duplex nature of the interface corrupt the hmr2300 outbound data while attempting to get the stop command interleaved between the data. as noted by the digital i/o timing specification and figure 3, the hmr2300 has a delayed response feature based on the programmed device id in response to global address commands (*99. hmr 2300 www.honeywell.com 7 command inputs a simple command set is used to communicate with the hmr2300. these commands can be automated; or typed in real - time while running communication software programs, such a windows hypert erminal. command inputs (1) response (2) bytes (3) description format *ddwe *dda *ddwe *ddb ascii_on ? binary_on ? 9 10 ascii C output readings in bcd ascii format (default) binary C output readings in signed 16 - bit bianary format output * ddp *ddc esc {x, y, z reading} {x, y, z stream} {stream stops} 7 or 28 ... 0 p = polled C output a single sample (default) c = continuous C output readings at sample rate escape key C stops continuous readings sample rate *ddwe *ddr=nnn ok ? 3 set sample rate to nnn where: nnn = 10, 20, 25, 30, 40, 50, 60, 100, 123, or 154 samples/sec (default = 20) set/reset mode *ddwe *ddtn *ddwe *ddtf *ddwe *ddt s/r_on ? s/r_off? {toggle} 7 8 7 or 8 s/r mode: tn C on = auto s/r pulses (default) tf C off = manual s/r pulses *ddt toggles command (default = on) set/reset pulse *dd]s *dd]r *dd] set ? rst? {toggle} 4 4 4 ] character C single s/r: ]s - > set = set pulse ]r - > rst = reset pulse toggle alternates between set and reset pulse device id *99id= *ddwe *ddid=nn id=_nn ? ok? 7 3 read device id (default = 00) set device id where nn = 00 to 98 baud rate *99we *99!br=s *99we *99!br=f ok ? baud_9600? ok? baud=_19,200? 14 14 set baud rate to 9600 bps (default) set baud rate to 19,200 bps (8 bits, no parity, 1 stop bit) zero reading *ddwe *ddzn *ddwe *ddzf *ddwe *ddzr zero_on ? zero_off? {tog gle} 8 9 8 or 9 zero reading will store and use current as a negative offset so that the output reads zero field *ddzr toggles command average readings *ddwe *ddvn *ddwe *ddvf *ddwe *ddv avg_on ? avg_off? {toggle} 7 8 7 or 8 the average reading for the current sample x(n) is: xavg=x(n)/2 + x(n - 1)/4 + x(n - 2)/8 + x(n - 3)/16 + ... *ddv toggles command re - enter response *ddwe *ddy *ddwe *ddn ok ? ok? 3 3 turn the re - enter error response on (*ddy) or off (*ddn). off is recommended for rs - 485 (default = on) query setup *ddq {see desc.} 62 - 72 read setup parameters. default: ascii, polled, s/r on, zero off, avg off, r on, id=00, 20 sps default settings *ddwe *ddd ok ? baud=_9600? 14 change all command parameter settings to factory defaul t values restore settings *ddwe *ddrst ok ? baud=_9600? or baud=_19,200? 14 16 change all command parameter settings to the last user stored values in the eeprom serial number *dd# ser#_nnnn ? 22 output the hmr2300 serial number software version *ddf s/w_vers:_ nnnn ? 27 output the hmr2300 software version number hardware version *ddh h/w_vers:_ nnnn ? 19 output the hmr2300 hardware version number write enable *ddwe ok ? 3 activate a write enable. this is requir ed before commands: set device id, baud rate, and store parameters. store parameters *ddwe *ddsp done ? ok? 8 this writes all parameter settings to eeprom. these values will be automatically restored upon power - up. too many characters wrong entry re - ent er ? 9 a command was not entered properly or 10 characters were typed after an asterisk (*) and before a hmr 2300 8 www.hon eywell.com data formats the hmr2300 t ransmits each x, y, and z axis as a 16 - bit value. the output data format can be either 16 - bit signed binary (sign plus 15 bits) or a binary coded decimal (bcd) ascii characters. the command *dda will select the ascii format and *ddb will select the binary format. the order of ouput for the binary format is xhi, xlo, yhi, ylo, zhi, zlo. the binary format is more efficient for a computer to interpret since only 7 bytes are transmitted. the bcd ascii format is easiest for user interpretation but requires 28 b ytes per reading. there are limitations on the output sample rate (see table below) based on the format and baud rate selected. examples of both binary and bcd ascii outputs are shown below for field values between 2 gauss. field (gauss) bcd ascii value binary value (hex) high byte low byte +2.0 30,000 75 30 +1.5 22,500 57 e4 +1.0 15,000 3a 98 +0.5 7,500 1d 4c 0.0 00 00 00 - 0.5 - 7,500 e2 b4 - 1.0 - 15,000 c3 74 - 1.5 - 22,500 a8 1c - 2.0 - 30,000 8a d0 binary format: 7 bytes x h | x l | y h | y l | z h | z l | hmr 2300 www.honeywell.com 9 device id the device id command (*ddid=nn) will change the hmr2300 id number. a write enable (*ddwe) c ommand is required before the device id can be changed. this is required for rs - 485 operation when more than one hmr2300 is on a network. a device id = 99 is universal and will simultaneously talk to all units on a network. baud rate command the baud rat e command (*dd!br=f or s) will change the hmr2300 baud rate to either fast (19,200 baud) or slow (9600 baud). a write enable (*ddwe) command is required before the baud rate can be changed. the last response after this command has been accepted will be eit her baud=9600 or baud=19,200. this will indicate to the user to change to the identified new baud rate before communications can resume. zero reading command the zero reading command (*ddzn) will take a magnetic reading and store it in the hmr2300s mic rocontroller. this value will be subtracted from subsequent readings as an offset. the zero reading will be terminated with another command input(*ddzf) or a power down condition. this feature is useful for setting a reference attitude or nulling the earth s field before anomaly detection. set/reset and average commands the set - reset function generates a current/magnetic field pulse to each sensor to realign the permalloy thin film magnetization. this yields the maximum output sensitivity for magnetic sen sing. this pulse is generated inside the hmr2300 and consumes less than 1ma typically. the set/reset mode command (*ddtn or *ddt) activates an internal switching circuit that flips the current in a set and reset condition. this cancels out any temperat ure drift effects and ensures the sensors are operating in their most sensitive region. fluctuations in the magnetic readings can be reduced by using the average readings commands (*ddvn or *ddv). these commands provide a low pass filter effect on the out put readings that reduces noise due to set/reset switching and other environmental magnetic effects. the two figures below show the average readings effect for step and impulse responses. switching the set - reset state is not required to sense magnetic fie lds. a single set (or reset) pulse will maximize the output sensitivity and it will stay that way for months or years. to turn off the internal switching, enter the command *ddtf or *ddt. in this state the sensors are either in a set or reset mode. if the hmr2300 is exposed to a large magnetic field (>10 gauss), then another set pulse is required to maximize output sensitivity. in the set mode, the direction of the sensitive axis are shown on the enclosure label and the board dimensions figure. in the res et mode, the sensitive field directions are opposite to those shown. by typing *dd], the user can manually activate a set or reset pulse. the s/r pulse commands can be used the continuous read mode to flip between a set and reset state. note that the first three readings immediately after these commands will be invalid due to the uncertainty of the current pulse to the sensor sample time. default and restore commands the defaut settings command (*ddd) will force the hmr2300 to all the default parameters. this will not be a permanent change unless a store parameter command (*ddsp) is issued after the write enable command. the restore settings command (*ddrst) will force the hmr2300 to all the stored parameters in the eeprom. hmr 2300 10 www.hon eywell.com output sample rate s the sample rate can be varied from 10 samples per second (sps) to 154 sps using the *ddr=nnn command. each sample contains an x, y, and z reading and can be outputted in either 16 - bit signed binary or binary coded decimal (bcd) ascii. the ascii format s hows the standard numeric characters displayed on the host computer display. some sample rates may have restrictions on the format and baud rate used, due to transmission time constraints. there are 7 bytes transmitted for every reading binary format and 2 8 bytes per reading in ascii format. transmission times for 9600 baud are about 1 msec/byte and for 19,200 baud are about 0.5msec/byte. the combinations of format and and baud rate selections are shown in the above table. the default setting of ascii forma t and 9600 baud will only transmit correctly up to 30 sps. note the hmr2300 will output a higher data settings, but the readings may be incorrect and will be at alower output rate than selected. for higher sample rates (>60 sps), it is advised that host c omputer settings for the terminal preferences be set so a line feed hmr 2300 www.honeywell.com 11 applications precaut io ns several precautions should be observed when using magnetometers in general: the presence of ferrous materials, such as nickel, iron, steel, and cobalt near the magnetometer will create disturbances in the earths magnetic field that will distort the x , y, and z field measurements. the presence of the earths magnetic field must be taken into account when measuring other magnetic fields. the variance of the earths magnetic field must be accounted for in different parts of the world. differences in th e earths field are quite dramatic between north america, south america and the equator region. perming effects on the hmr2300 circuit board need to be taken into account. if the hmr2300 is exposed to fields greater than 10 gauss, then it is recommended t hat the enclosure/circuit boards be degaussed for highest sensitivity and resolution. a possible result of perming is a high zero - field output indication that exceeds specification limits. degaussing wands are readily available from local electronics tool suppliers and are inexpensive. severe field offset values could result if not degaussed. non - ferrous materials materials that do not affect surrounding magnetic fields are: copper, brass, gold, aluminum, some stainless steels, silver, tin, silicon, and m ost non - metals. handling precautions the hmr2300 smart digital magnetometer measures fields within 2 gauss in magnitude with better than 0.1 milli - gauss resolution. computer floppy disks (diskettes) store data with field strengths of approximately 10 gau ss. this means that the hmr2300 is many times more sensitive than common floppy disks. please treat the magnetometer with at least the same caution as your diskettes by avoiding motors, crt video monitors, and magnets. even though the loss of performance i s recoverable, these magnetic sources will interfere with measurements. demonstration pcb mo dule kit the hmr2300 demonstration kit includes additional hardware and windows software to form a development kit for with the smart digital magnetometer. this k it includes the hmr2300 pcb and enclosure, serial port cable with attached ac adapter power supply, and demo software plus documentation on a compact disk (cd). the figure below shows the schematic of the serial port cable with integral ac adapter. there w ill be three rotary switches on the ac adapter. these should be pointed towards the positive (+) polarity, +9 volts, and 120 or 240 vac; depending your domestic supply of power. d9 - f d9 - f blk gry 2 3 5 9 2 3 5 9 data data ground +9vdc ac adapter d9 - f d9 - f blk gry 2 3 5 9 2 3 5 9 data data ground +9vdc ac adapter hmr 2300 12 www.hon eywell.com ordering information ordering number product hmr2300 - d0 0 - 232 hmr2300 - d00 - 485 hmr2300 - d20 - 232 hmr2300 - d20 - 485 hmr2300 - d21 - 232 hmr2300 - d21 - 485 hmr2300 - d20 - 232 - demo hmr2300 - d20 - 485 - demo hmr2300 - d21 - 232 - demo hmr2300 - d21 - 485 - demo pcb only (no enclosure), rs - 232 i/o pcb only (no enclosure), rs - 485 i/o flush - bas e enclosure, rs - 232 i/o flush - base enclosure, rs - 485 i/o extended - base enclosure, rs - 232 i/o extended - base enclosure, rs - 485 i/o demo kit, flush - base enclosure, rs - 232 i/o demo kit, flush - base enclosure, rs - 485 i/o demo kit, extended - base enclosure, rs - 2 32 i/o demo kit, extended - base enclosure, rs - 485 i/o find o ut m ore for more information on honeywells magnetic sensors visit us online at www.magneticsensors.com or contact us at 800 - 323 - 8295 (763 - 954 - 2474 internationally). the application circuit s herein constitute typical usage and interface of honeywell product. honeywell does not warranty or assume liability of cust omer - designed circuits derived from this description or depiction. honeywell reserves the right to make changes to improve reliab ility, function or design. honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. u.s. patents 4,441,0 72, 4,533,872, 4,569,742, 4,681,812, 4,847,584 and 6,529,114 apply to the technology described form #900 139 rev j january 2012 ?2006 hone ywell international inc. honeywell 12001 highway 55 plymouth, mn 55441 tel: 800 - 323 - 8295 www. magneticsensors .com |
Price & Availability of HMR2300-D00-232 |